Part Number Hot Search : 
AM4966N L1939 00158 PR1FD 2SC2206 KPY44R LCX03 AM4966N
Product Description
Full Text Search
 

To Download MUR1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MUR1040CT features * glass passivated chip * superfast switching time for high efficiency * lo w forward voltage drop and high current capability * low reverse leakage current * high surge capacity mechanical data * case: to-220ab molded plastic * polarity: as marked on the body * weight: 0.08 ounces, 2.24 grams * mounting position: any dim. a b c d e f g h j k m n q r milimeter min. max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 bsc 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79 inches min. max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 bsc 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 dimensions to-220ab MUR1040CT v rrm v 400 v rms v 280 v dc v 400 a=anode, c=cathode, tab=cathode symbol characteristics i (av) maximum average forward rectified current @t c =125 c i fsm non repetitive peak forward surge current per diode sinusoidal (jedec method) t p =10ms t p =8.3ms maximum forward voltage pulse width=300us duty cycle i f =5a @t j =25 c i f =5a @t j =125 c i f =10a @t j =25 c i f =10a @t j =125 c v f i r maximum dc reverse current at rated dc blocking voltage @t j =25 c @t j =100 c c j typical junction capacitance per element (note 1) t rr maximum reverse recovery time (note 2) typical thermal resistance t j , t stg operating and storage temperature range maximum ratings 10 50 55 1.30 1.20 1.50 1.40 10 250 80 35 4.0 -55 to +150 a a v unit ua pf ns o o o o o o r ojc c/w o c o notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. a a c c(tab) a c a o ultra fast recovery diodes * rohs complian t p1 ?2008 sirectifier electronics technology corp. all rights reserved www.sirectifier.com
MUR1040CT f ig.5 - t ypical junct i o n capacit ance ca pa cit a n c e , ( p f ) re ve rs e vo l t a g e , v o l t s 10 1 10 0 1000 10 0 10 0. 1 f i g . 1 - f o r w ar d cu rr e n t de r a t i ng c u r v e avera g e f o r w a r d c u r r e n t a m p e r e s 25 75 100 1 2 5 1 50 4 0 50 12 17 5 10 0 8 s i ng l e ph as e ha l f w ave 6 0 h z r e s i s t iv e or ind u c t iv e lo a d ca se t e m p er a t ur e , c 2 6 f ig.2 - ma x i mum no n - re p e t i t i v e s u r g e cu r r e n t n u m b e r of cy cl es a t 60 hz p e a k f o r w ard s u r g e current , am peres 1 5 10 50 10 0 2 20 0 10 20 30 40 50 60 s i n g le h a lf - s i n e - w a v e (je d e c m e t h od ) t p =1 0 m s t p =8 . 3 m s i n st a n t a neo u s f o rw ard vo l t a g e , vo l t s f ig.4 - t y p i ca l f o r w a r d c h a r a c t e r i s t ic s i n s t a n t a neous f o rw ard c u r r e n t ,( a ) 0. 2 0 . 4 1. 2 1. 4 1. 0 10 100 0. 6 0 . 8 1 . 0 0. 1 1. 8 1. 6 p u ls e w i d t h 3 0 0u a i n st a n t a neo u s f o rw ard vo l t a g e , vo l t s 0 1. 0 10 100 0. 1 p u ls e w i d t h 3 0 0u s 2 % d u ty c y c l e t j = 2 5 c t j = 1 2 5 c 4 t j = 25 c , f = 1mh z p e r c e n t o f r a t e d peak r e v e rse v o l t ag e, ( % ) f ig.3 - t y p i c a l rever s e cha r a c t eris t i cs in st an t a n e o u s re v e rs e c u r r e n t ,(u a ) 20 14 0 0 .0 0 1 0. 1 1. 0 10 0 . 0 10 . 0 60 1 0 0 t j = 1 0 0 c 0. 01 t j = 2 5 c t j = 7 5 c ultra fast recovery diodes p2 ?2008 sirectifier electronics technology corp. all rights reserved www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of MUR1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X